Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

246 4718 Datasheet (PDF) - Vigortronix Ltd

246 4718 Datasheet PDF - Vigortronix Ltd
Part # 246 4718
Download  246 4718 Download
File Size   1268.86 Kbytes
Page   5 Pages
Manufacturer  VIGORTRONIX [Vigortronix Ltd]
Direct Link  https://www.vigortronix.com/
Logo VIGORTRONIX - Vigortronix Ltd
Description 2 Watt Compact AC-DC Converters

246 4718 Datasheet (PDF)

Go To PDF Page Download Datasheet
246 4718 Datasheet PDF - Vigortronix Ltd

Part # 246 4718
Download  246 4718 Click to download

File Size   1268.86 Kbytes
Page   5 Pages
Manufacturer  VIGORTRONIX [Vigortronix Ltd]
Direct Link  https://www.vigortronix.com/
Logo VIGORTRONIX - Vigortronix Ltd
Description 2 Watt Compact AC-DC Converters

246 4718 Datasheet (HTML) - Vigortronix Ltd


246 4718 Product details

Features:
• 2W Low Profile 14.0mm Height
• Wide AC & DC Input Range: 90 - 277VAC
• Output Range: 3.3V - 48VDC
• Low Standby Power <0.15W
• Low Ripple & Noise
• Fully Isolated Pri - Sec >4200Vrms
• Insulation: Class II
• Materials: UL94-V0
• Compliance UL/EN62368-1,EN61558-2-6, CE, UKCA

Description
VTX-214-002-1## is a low profile size AC-DC converter. It features a wide AC input 85V to 305Vac and a DC input voltage 100 to 370VDC. The converters have been designed with low power consumption, high efficiency, high reliability, reinforced isolation. It offers good EMC performance compliant to IEC/EN61000-3-2 and CISPR32/EN55032 and meets EN/UL62368-1, EN61558-2-6 standards. The converters are widely used in industrial power, home appliances, instrumentation, communication and civil applications. For extremely harsh EMC environment, we recommend using the application circuit show in this Datasheet or contact our Technical team for further support.




Similar Part No. - 246 4718

ManufacturerPart #DatasheetDescription
logo
Vigortronix Ltd
246 4718 VIGORTRONIX-246 4718 Datasheet
1Mb / 3P
0.5 Watt Low Profile AC-DC Converters
Issue 4
More results


Similar Description - 246 4718

ManufacturerPart #DatasheetDescription
logo
Power-One
LB1740-6R POWER-ONE-LB1740-6R Datasheet
447Kb / 4P
700 Watt AC-DC Converters
LH1001-2R POWER-ONE-LH1001-2R Datasheet
63Kb / 4P
50 Watt AC-DC Converters
LK1001-7R POWER-ONE-LK1001-7R Datasheet
95Kb / 4P
150 Watt AC-DC Converters
LK4003-6R POWER-ONE-LK4003-6R Datasheet
95Kb / 4P
150 Watt AC-DC Converters
LS1001-7R POWER-ONE-LS1001-7R Datasheet
66Kb / 4P
100 Watt AC-DC Converters
logo
AIMTEC
AM2D AIMTEC-AM2D Datasheet
268Kb / 3P
2 watt dc-dc converters
AM2D-N AIMTEC-AM2D-N Datasheet
389Kb / 3P
2 watt dc-dc converters
AM2F AIMTEC-AM2F Datasheet
246Kb / 2P
2 watt dc-dc converters
AM2N-N AIMTEC-AM2N-N Datasheet
459Kb / 3P
2 watt dc-dc converters
AM2S AIMTEC-AM2S Datasheet
241Kb / 2P
2 watt dc-dc converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com